Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download SMZ82 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8700 E. Thomas Road Scottsdale, AZ 85251 Tel: (480) 941-6300 Fax: (480) 947-1503
SMZ3.3
thru
SMZ200
ZENERarrayTM Series TM
DESCRIPTION
This data sheet defines a series of dual zeners with a common anode. It may be used for voltage regulation for two different lines to ground or as a bidirectional voltage regulator between two lines. This product also provides ESD protection per IEC 1000-4-2 and EFT protection per IEC 1000-4-4.
FEATURES
* * * * Provides common-anode-dual zeners 3.3 to 200 volts Provides unidirectional zener-regulation for 2 lines to ground for pins 1 to 3 and pins 2 to 3 or bidirectional regulation between pins 1 and 2 ESD non sensitive Human Body Model (HBM) >15,999 volts per MIL-STD-750 Method 1020 SOT-23 Packaging
PACKAGING
* * * * * * Tape & Reel EIA Standard 481 7 inch reel 5,000 pieces 13 inch reel 10,000 pieces
MAXIMUM RATINGS
* * * * * Operating Temperatures: -55C to +150C Storage Temperature: -55C to +150C 250 mW maximum combined power (both legs) Thermal resistance ReJL = 400C/W Derate 250 mW power linearly from 50C to zero at 150C
MECHANICAL
Molded SOT-23 Surface Mount Weight: .014 grams (approximate) Body Marked with device number
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless otherwise specified
NOMINAL ZENER VOLTAGE PART NUMBER DEVICE MARKING VZ NOTE 1 VOLTS 3.3 5.1 12 15 24 33 36 47 82 100 200 ZENER TEST CURRENT IZT mA 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 MAX. ZENER IMPEDANCE @ IZT ZZT OHMS 50 30 100 120 130 140 150 200 400 600 2000 MAX. DC ZENER CURRENT IZM NOTE 2 mA 35 22.5 9.6 7.5 4.8 3.5 3.2 2.4 1.4 1.1 0.55 MAX REVERSE LEAKAGE CURRENT IR @ VR IR A 25 5 1 1 1 1 1 1 1 1 1 VR VOLTS 1.0 2.0 9.1 11.4 18.2 25.1 27.4 35.8 62.2 76.0 152.0 MAX TEMP COEFFICIENT aVZ %/C -0.070 0.030 +0.077 +0.082 +0.088 +0.092 +0.093 +0.095 +0.098 +0.11 +0.11 TYPICAL CAPACITANCE C@ ZERO VOLTS
SMZ3.3 SMZ5.1 SMZ12 SMZ15 SMZ24 SMZ33 SMZ36 SMZ47 SMZ82 SMZ100 SMZ200
3Z3 5Z1 Z12 Z15 Z24 Z33 Z36 Z47 Z82 10Z 20Z
pF 200 150 65 55 34 24 22 15 10 9 8
NOTE 1: Nominal zener voltage has a plus or minus 5% tolerance at IZT (1 ms pulse). NOTE 2: Each leg for simultaneous operation.
MSC1381.PDF
ISO 9001 CERTIFIED
REV E 1/21/2000
SMZ3.3 thru SMZ200
MOUNTING PAD SOT23
CIRCUIT DIAGRAM
PACKAGE OUTLINE
MSC1381.PDF
ISO 9001 CERTIFIED
REV E 1/21/2000


▲Up To Search▲   

 
Price & Availability of SMZ82

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X